Part Number Hot Search : 
APCB240 157X00 1571710 LNBH21 9LV16 OHS3075U 90816 TS8P01G
Product Description
Full Text Search
 

To Download BAV99BDWPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 215 mAmpere
APPLICATION
* Ultra high speed switching * For general purpose switching application
BAV99BDWPT
FEATURE
* Small surface mounting type. (SC-88/SOT-363) * High speed. (TRR=1.5nSec Typ.) * Suitable for high packing density. * Maximum total power disspation is 300mW. * Peak forward current is 350mA.
SC-88/SOT-363
(1)
(6)
1.30.1 0.1 (3) 0.20.05 1.250.1
(4)
0.65 0.65
2.00.2
CONSTRUCTION
* Silicon epitaxial planar
MARKING
DN
0.150.05 0.1 Min.
0.90.1 0.70.1 0~0.1 2.10.1
CIRCUIT
6
4
1
3
Dimensions in millimeters
SC-88/SOT-363
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Non-Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum Repetitive Peak Reverse and DC Blocking Voltage Maximum Average Forward Rectified Current Non-Repetitive Peak Forward Surge Current @t=1.0uSec @t=1.0Sec SYMBOL VRM VRMS VRRM, VDC IO IFSM CJ TRR R
JA
BAV99BDWPT 100 53 75 215 2.0 1.0 2.0 4.0 625 -65 to +150
UNITS Volts Volts Volts mAmps Amps pF nSec
o
Typical Junction Capacitance between Terminal (Note 1) Maximum Reverse Recovery Time (Note 2) Thermal Resistance Junction to Ambient (Note 3) Maximum Operating and Storage Temperature Range
C/W
o
TJ,TSTG
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS @IF=1.0mA @IF=10mA @IF=50mA @IF=150mA @VR=20V @VR=75V @VR=25V, TJ=150OC @VR=75V, TJ=150OC SYMBOL BAV99BDWPT 0.715 0.855 1.00 1.25 25 2.5 30 50 UNITS
Maximum Instantaneous Forward Voltage
VF
Volts
Maximum Average Reverse Current
IR
nAmps uAmps uAmps uAmps 2004-8
NOTES : 1. 2. 3. 4.
Measured at 1.0 MHZ and applied reverse voltage of 0 volts. Measured at applied froward current of 10mA and reverse current of 10mA. Device mounted on FR-4 by 1 inch X 0.85 inch X 0.062 inch ESD sensitive product handling required.
RATING CHARACTERISTIC CURVES ( BAV99BDWPT )
FIG. 1 - TYPICAL FORWARD CURRENT DERAING CURVE 500 FORWARD CURRENT, (mA) 200 100 50 20 10 5 2 1 0 25 50 75 100 125 150 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 AMBIENT TEMPERATURE, (oC) FORWARD VOLTAGE, (V)
Ta=85oC 50oC 25oC 0oC o - 30 C
FIG. 2 - FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT, (%)
125 100 75 50 25 0
FIG. 3 - TYPICAL JUNCTION CAPACITANCE 10u REVERSE CURRENT, (nA)
FIG. 4 - REVERSE CHARACTERISTICS
JUNCTION CAPACITANCE, (pF)
f=1MHz
4
Ta=100oC
1u 100 10
75oC 50oC 25oC 0oC
2
1 0.1
-
25oC
0 0 2 4 6 8 10 12 14 16 18 20 REVERSE VOLTAGE, (V)
0
10
20
30
40
50
60
70
80
REVERSE VOLTAGE, (V)
FIG. 5 - REVERSE RECOVERY TIME 10 REVERSE RECOVERY TIME, (nS) 9 8 7 6 5 4 3 2 1 0 0 1 2 3 4 5 6 7 8 9 10 FORWARD CURRENT, (mA)
VR=6V
FIG. 6 - REVERSE RECOVERY TIME MEASUREMENT CIRCUIT
0.01F D.U.T.
5 PULSE GENERATOR OUTPUT 50 50 SAMPLING OSCILLOSCOPE


▲Up To Search▲   

 
Price & Availability of BAV99BDWPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X